Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download ROM-1805S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
ROM Series, 1 Watt, SIP4 Micro Size Package (Single Output) Features

New Micro Size SIP4 Package 3kVDC Isolation Efficiency at Full Load up to 80% Oper. Temp. Range -40C to +85C

UL 94V-0 Package Material
Industry Standard Pinout Custom Solutions Available
Cost Effective Description
Selection Guide
Part Number SIP4 Micro Size Pack. ROM-XX1.8S ROM-XX3.3S ROM-XX05S ROM-XX09S ROM-XX12S ROM-XX15S ROM-XX24S Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 Output Current (mA) 555 303 200 111 83 66 41
The ROM Micro Size DC/DC-Converter has been designed for isolating resp. converting DC Power Rails. It provides a small micro-size package, high efficiency, low output ripple, high 3kVDC Isolation and an extended -40C to +85C operating temperature range. State of the art packageing and automated manufacturing ensures cost-effectiveness and short lead times.
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% Capacitor type 5% 1,2%/1% V Input 20% max. 15% max. 10% max. 100mVp-p max. 70% min. 3000 VDC min. 15 G min. 20pF min./75pF max. 1 sec. 100kHz typ. -40C to +85C (see Graph) -55C to +125C 1.0g
Output Power (Watts) 2.0 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 85 Operating Temperature C
www.recom-international.com
August 2002
EC 13
ECONOLINE - DC/DC-Converter
ROM Series, 1 Watt, SIP4 Micro Size Package (Single Output) Package Style and Pinning (mm)
7 PIN SIP Micro Size Package
3rd angle projection
11.50 6.05
7.70
ROM-0505S RECOM ****
0.51
ROM-0505S RECOM ****
Pin Connections Pin # 1 2 3 4 Single -Vin +Vin -Vout +Vout
4.10
0.51 typ.
1234
NC = No Connection
1234
0.25
1.9
1.25
7.62
Recommended Footprint Details
XX.X 0.5 mm XX.XX 0.25 mm
2.54 2.54 1.00 o+0.15/-0
EC 14
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of ROM-1805S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X